Part Number Hot Search : 
BU407 03515 60QC03L SC9153A 000WD MMSZ5242 HBO2510W SUR544J
Product Description
Full Text Search
 

To Download ZXFV4583 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductors device description the ZXFV4583 provides the ability to separate out video synchronization signals for a wide variety of tv and crt display systems, standard and non-standard. flexibility arises from the use of just three external resistors to adapt to each application. one resistor controls a fully integrated internal color carrier filter with variable bandwidth. this filter avoids disturbance from the color carrier, permitting accurate threshold slicing for timing extraction. a second resistor controls the voltage threshold for loss of signal detection after a time-out interval. the third resistor controls the timing functions. dc restoration for displays is facilitated by the back porch synch output, which can be used to drive an external circuit to clamp the blanking voltage to a fixed level. features and benefits ? pal, ntsc, secam ? variable filter for optimal accuracy ? sync outputs: composite, horizontal, vertical, back porch, odd/even ? no-signal detector ? on chip sample / hold capacitors ? +5v single supply ? default vertical output where there are no serration pulses ? pin and layout compatible with part el4583 in so16n surface mount package applications ? digital image capture ? video input systems requiring separation of picture timing ? video distribution ? cctv surveillance ? digital multimedia ? timing for black level clamp ZXFV4583 issue 3 - november 2003 1 sync separator with variable filter ordering information part number container increment ZXFV4583n16ta reel 7 500 ZXFV4583n16tc reel 13 2500 connection diagram
absolute maximum ratings supply voltage v cc -0.5v to +7v inputs to ground* -0.5v to v cc +0.5v operating temperature range -40  c to 85  c storage -65  c to +150  c operating ambient junction temperature t jmax 150  c** **the thermal resistance from the semiconductor die to ambient is typically 120  c/w when the so16 package is mounted on a pcb in free air. the power dissipation of the device when loaded must be designed to keep the device junction temperature below t jmax. *during power-up and power-down, these voltage ratings require that signals be applied only when the power supply is connected. ZXFV4583 semiconductors issue 3 - november 2003 2 parameter conditions test min typ max unit dc characteristics supply current p 2 4.5 6.5 ma clamp voltage at filtin pin 4 unloaded p 1.2 1.35 1.5 v discharge current at filtin pin 4, vin = 2v pk-pk c 1  a discharge current at filtin pin 4, no signal c 3 6 12  a clamp charge current at filtin pin 4, vin = 1v pk-pk p 2 3 4 ma clamp voltage at fvidin pin 8 unloaded p 1.2 1.35 1.5 v discharge current at fvidin pin 8, vin = 2v pk-pk c 1  discharge current at fvidin pin 8, no signal c 3 6 12  clamp charge current at fvidin pin 8, vin = 1v pk-pk p 2 3 4 ma r set voltage, pin 12 p 1.5 1.75 2 v r filt voltage, pin 1 p 0.35 0.5 0.65 v rnosig current, pin 2 p 1.5 2.5 3.5  a logic output low voltage, v ol i ol = 1.6ma p 0.35 0.8 v electrical characteristics v cc = 5v, r set = 681k  ,r filt = 22k  ,r nosig = 82k  ,t amb =25  c unless otherwise stated. test level: p = 100% production test c = characterized only
ZXFV4583 semiconductors issue 3 - november 2003 3 parameter conditions test min typ max unit ac characteristics filtin function input voltage range pal/ntsc p 0.5 2 v pk-pk filter voltage gain filtin to filout p 4.9 5.7 6.5 db filter attenuation 4.4mhz for pal, 3.6mhz for ntsc p p 15 10 19 14 db db slice level vin = 1v pk-pk p 40 50 60 % csync prop. delay, t cs relative to pin 4 input p 250 400 ns vsync delay c 250 ns vsync pulse width, t vsync (pal) c 165  s vsync pulse width, t vsync (ntsc) c 195  s vsync default delay, t vsd p303645  s hsync delay p 250 ns hsync pulse width, t hsync p 3.8 5 6.2  s bkpch delay, t bd relative to pin 4 input p 250 400 ns bkpch pulse width, t b p 2.7 3.7 4.7  s electrical characteristics (cont.) v cc = 5v, r set = 681k  ,r filt = 22k  ,r nosig = 82k  ,t amb = 25  c unless otherwise stated. note: in order to avoid coupling between high speed logic output signals and analog inputs, the test circuit layout uses connections from the logic output pins routed away from the analog pins. in the application, similar care in the layout is required, keeping resistors r filt , r nosig and r set close to their respective pins, in particular routing signal csync away from pins 1, 2 and 12.
ZXFV4583 semiconductors issue 3 - november 2003 4 pin no. pin name type function 1 r filt resistor control controls the input color carrier filter characteristic. an external resistor r filt connected from this pin to 0v sets the bandwidth. smaller r filt gives increased bandwidth. see the detailed operating description below. 2 r nosig resistor control controls the no-signal detector level. an external resistor r nosig connected from this pin to 0v sets the threshold voltage level, according to the equation v pmin =0.75r nosig /r set where v pmin is the minimum detected sync pulse amplitude at pin 4 and r set is the resistor value at pin 12. 3 csync logic out composite sync logic output. includes all sync pulses derived from the input video. 4 filtin analog in input to color carrier filter. this is the main analog (unfiltered) composite video input used when color carrier filtering is required. a voltage clamp circuit and adaptive current source are also included at this node. see the detailed operating description. when the filter is not used, this pin must be left open circuit. 5 vsync logic out vertical sync output. this is an active low pulse commencing on the first vertical sync pulse trailing (rising) edge and ending near the second next equalizing pulse. see timing diagram. 6 ovd ground provides ground return path for internal logic output buffer circuits. normally connected externally to a common pcb ground plane. 7 filtout analog out analog output signal from color carrier filter. the filter voltage gain is nominally 2. this output is normally capacitor-coupled to pin 8. 8 fvidin analog in input for filtered analog video signal input. this is the direct input to the sample/hold and sync slicing comparator providing the logic timing edges. this input is normally coupled via an external capacitor from filtout, pin 7. it may be used as the signal input where the color carrier filter is not required. includes a clamp similar that of pin 4. 9 vlev analog out analog output, a positive voltage typically equal to twice the (negative) peak sync pulse amplitude if the filter is used. 10 nosig logic out logic output, which goes high after a time-out delay when no signal is present. the threshold level is controlled at pin 2. 11 bkpch logic out burst or back porch logic output, an active low monostable pulse triggered from rising composite sync pulse edges. the width is set by r set to overlap most of the steady part of the back porch, assuming the color carrier burst has been attenuated sufficiently by filtering. this pulse is then suitable for controlling an external black level clamping circuit. see the timing diagram. 12 r set resistor control controls the timing interval of the sample/hold circuit and the monostable interval for the sync outputs according to the application. an external resistor, r set connected from this pin to 0v establishes the timing parameter, to which these times are scaled together. see the detailed operating description. 13 oddfld logic out odd field logic output. high during an odd numbered field, low during even. this output is timed with the start of the vsync pulse. 14 v+ power in power supply input, +5v. 15 hsync logic out horizontal sync logic output. monostable output derived from csync falling edges, it achieves a steady stream of 5s pulses. the half line events during the field blanking interval are eliminated. see timing diagram. connections
detailed description introduction this device includes all the functions required to separate out the critical timing points of most types of video signal. a sample-and-hold process is used to establish accurately the 50% point of the sync pulse. the input is also filtered to avoid the effect of the color carrier. the filter is coupled externally. the following paragraphs give a simplified description of the signal processing. color carrier filter this low-pass filter provides adjustable attenuation of the color carrier with low distortion of the remaining sync pulses so as to ensure accurate timing of the extracted logic outputs. the control is via an external resistor r filt connected from pin 1 to ground. r filt =22k  gives corner frequency of 1.3mhz corresponding to ~12db attenuation @ 3.58mhz.(corner freq. proportional to 1/r filt , minimum value 18k  ). a graph shows how the bandwidth varies with the resistor value. clamping circuits clamping circuits are use to limit the signal swing excursion after ac coupling at both the input to the filter, filtin and the timing extractor input, fvidin. in each case, the sync tip level is maintained at a value of nominally 1.35v. sync timing extraction circuits the waveforms are depicted in timing diagrams, figure 1 for pal (625 lines) and figure 2 for ntsc (525 lines). sample-and-hold circuits are used to obtain time-delayed voltage values of the sync tip and the back porch. the sample gates are controlled by a comparator sensing the video input relative to a threshold at a fixed offset above the sync tip clamp level. the sampled voltages are combined in a potential divider to derive the mean voltage (50% amplitude), which is used as the sync pulse threshold. a second comparator then provides csync , the logic version of the composite sync signal. this is delayed slightly as shown in figure 3 . the time delay comprises that of the input filter and also the smaller delay of the comparator and logic. the timing of the sample hold and other time parameters are all controlled together in unison by the external resistor r set . a 1% resistor tolerance is recommended. the sync tip voltage level from the sample-and-hold is buffered and provided as an analog output, vlev. the vertical sync output vsync is derived from the field pulse group. where there are short equalization pulses in the standard systems, these short pulses are ignored. essentially, a pulse width discriminator circuit senses the first of the field pulses, as they are wider than those of the rest of the sequence. the trailing edge of the first negative-going frame pulse (i.e. the rising edge of the first ?serration? pulse) triggers the vsync output. in systems with a frame interval with no serration pulses, a vertical sync output is provided after a default delay as in figure 4 . also provided is an oddfld logic output, which is high during an odd-numbered field and low during an even one. the horizontal sync hsync is a monostable output derived from the leading (falling) edge of the composite sync. the pulse width is about 5 s. also, during the field blanking sequence, the additional half-line pulses are removed by a timing circuit with a pulse interval discrimination function controlled by r set .r set is normally set to 681k  for standard pal or ntsc timings. consequently the scan rate is inversely proportional to r set . the back porch monostable output bkpch is initiated from the trailing edge of the composite sync. the pulse is active low and the width is set according to r set . loss-of-signal detector loss of signal is indicated by a logic high level at the output nosig . the decision threshold is set by an external resistor r nosig connected from pin 2 to ground. r nosig =100k  gives a shut off threshold of 250mv of sync amplitude at fvidin or ~130mv on filtin (threshold proportional to r nosig , minimum value 82k  ) the table of connections above gives the equation used to determine a suitable resistor value. a waiting time of nominally 600 s occurs before the loss of signal is flagged. ZXFV4583 semiconductors issue 3 - november 2003 5
ZXFV4583 semiconductors issue 3 - november 2003 6 1 624 623 621 622 625 2345678 620 video input csync output field blanking frame 1 vsync output hsync output back porch output, bkpch 23 see figure 3 for detail figure 1: pal 625 timing diagram 4 2 1 524 525 3 5 6 7 8 9 10 11 523 video input csync output vsync output hsync output back porch output, bkpch 20 figure 2: ntsc timing diagram
ZXFV4583 semiconductors issue 3 - november 2003 7 fvidin video input 50% t bd t b csync output bkpch output t cs figure 3: sync slicing & output detail fvidin video input t vsd vsync output line period figure 4: vertical sync default
ZXFV4583 semiconductors issue 3 - november 2003 8 typical characteristics
ZXFV4583 semiconductors issue 3 - november 2003 9 typical characteristics (cont.)
applications information general guidance the ZXFV4583 is a high speed mixed analog/digital signal processing component requiring the appropriate care in the layout of the application printed circuit board. a continuous ground plane construction is preferred. suitable power supply decoupling suggested includes a 100nf leadless ceramic capacitor close to the power supply connection at pin 14. in order to avoid coupling between high speed logic output signals and analog inputs, the test circuit layout uses connections from the logic output pins routed away from the analog pins. in the application, similar care in the layout is required, keeping resistors, r filt , r nosig , and r set close to their respective pins, in particular routing signal csync away from pins 1, 2 and 12. evaluation circuit an evaluation circuit is available, designed to provide demonstration of the ZXFV4583 function using 50  test instruments. the schematic diagram is shown in figure 5 and the printed circuit layout is shown in figures 6, 7 and 8. the circuit includes the zetex zxfv4089 dc restoration circuit, which is described in the data sheet for that part. the zxfv4089 uses the back porch output from the ZXFV4583 in order to control and stabilize the black level of a video waveform. bnc connector sockets allow connection of the analog video and output to laboratory test instruments via 50  bnc cables. the circuit can be adapted for 75  use. the output circuit includes a resistor matching circuit to present a load of 150  to the amplifier and simultaneously provide 50  output impedance. the attenuation of this matching circuit is 15.45 db. as the amplifier is configured for a voltage gain of 2, the overall gain in a 50  system is: 6 - 15.45 = -9.45 db. the synchronized logic outputs are brought to a header for examination using oscilloscope probes. a set of jumper links allow the selection of operation with or without the built in color carrier filter. the selection is depicted on the board itself. parts list qty cctref value description resistors, surface mount 1r151  0805 1 r2 22k  0805 1 r3 82k  0805 1 r4 681k  0805 2 r5, r12 2.2k  0805 3r6,r7,r81k  0805 1 r9 130  0805 1 r10 33  0805 1 r11 24  0805 capacitors, surface mount 5 c1, c2, c3, c5, c6 100nf ceramic x7r 50v 0805 1 c4 1nf ceramic npo 50v 0805 1 c7 10nf ceramic x7r 50v 0805 2 c8, c9 10  f tantalum elec 16v size c integrated circuits 1 u1 - ZXFV4583n16 - zetex 1 u2 - zxfv4089n8 - zetex miscellaneous 2 j1, j2 - socket bnc pcb straight flange e.g. tyco b35n14h999x99 1j3 - terminal block 3-way imo 20.501/3sb 1 pl1 - header 8 way single row 2.54mm, harwin m20-9990805 1 pl2 - header 8 way double row 2.54mm, harwin m 3 tp1, tp2, tp3 - test terminal, w. hughes 200-207 2 lk1, lk2 - jumper link, harwin m7567-05 ZXFV4583 semiconductors issue 3 - november 2003 10
ZXFV4583 semiconductors issue 3 - november 2003 11 figure 5: evaluation circuit board schematic
ZXFV4583 semiconductors issue 3 - november 2003 12 figure 6: evaluation circuit layout: top side figure 7: evaluation circuit layout: bottom side (viewed through board)
ZXFV4583 semiconductors issue 3 - november 2003 13 figure 8: evaluation circuit layout: component layout
ZXFV4583 semiconductors 14 issue 3 - november 2003 europe zetex plc fields new road chadderton oldham, ol9 8np united kingdom telephone (44) 161 622 4444 fax: (44) 161 622 4446 hq@zetex.com zetex gmbh streitfeldstra?e 19 d-81673 mnchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 europe.sales@zetex.com americas zetex inc 700 veterans memorial hwy hauppauge, ny 11788 usa telephone: (1) 631 360 2222 fax: (1) 631 360 8222 usa.sales@zetex.com asia pacific zetex (asia) ltd 3701-04 metroplaza tower 1 hing fong road kwai fong hong kong telephone: (852) 26100 611 fax: (852) 24250 494 asia.sales@zetex.com these offices are supported by agents and distributors in major countries world-wide. this publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. for the latest product information, log on to www.zetex.com ? zetex plc 2003 d e h l c seating plane a b e a1 pin1  package outline dim millimeters inches min max min max a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.008 0.010 d 9.80 10.00 0.386 0.394 e 3.80 4.00 0.150 0.157 e 1.27bsc 0.050bsc h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050  0 8 0 8 conforms to jedec ms-012ac iss c (so16n)


▲Up To Search▲   

 
Price & Availability of ZXFV4583

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X